Part Number Hot Search : 
DA0844 FM201 1035CT 1E106 32X920 ADC0804C AT45D 2N3420
Product Description
Full Text Search
 

To Download CHA1077 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CHA1077
PRELIMINARY
W-band Low Noise Amplifier
GaAs Monolithic Microwave IC Description
The CHA1077 is a W-band monolithic 3-stages low noise amplifier. All the active devices are internally self-biased. This chip is compatible with automatic equipment for assembly. The circuit is manufactured on P-HEMT process: 0.15m gate length, via holes through the substrate, air bridges and electron beam gate lithography. It is available in chip form.
IN
OUT
+V
-V
Main Features
n n n n n n n W-band low noise amplifier High gain Wide operating frequency range High temperature range On-chip self biasing Automatic assembly oriented Low DC power consumption n Chip size: 2.6x1.32x 0.1mm
W-band amplifier block-diagram
Main Characteristics
Tamb = +25C Symbol F_op G_lin NF P_1dB Parameter Operating frequency Small signal gain Noise figure Output power at 1dB Min 76 15 4.5 10 Typ Max 77 Unit GHz dB dB dBm
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !
Ref. DSCHA10773155 - 04 jun 03
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Departementale 128 - B.P.46 - 91401 Orsay Cedex France Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
www..com
CHA1077
Electrical Characteristics
W-band LNA
Full operating temperature range, used according to section "Typical assembly and bias configuration". Symbol F_op G_lin G_fl NF P_out_1dB Is VSWR_in VSWR_out +V +I -V -I Top Parameter Operating frequency Small signal gain Small signal gain flatness Noise figure Output power at 1dB Reverse isolation VSWR at input port (50) VSWR at output port (50) Positive supply voltage (1) Positive supply current Negative supply voltage (1) Negative supply current Operating temperature range Min 76 11 Typ 15 0.5 4.5 10 30 2:1 2:1 4.5 40 -4.5 6 Max 77 19 1 6.5 Unit GHz dB dB dB dBm dB
6.5 20
4.4 -4.6 -40
2.5:1 2.5:1 4.6 70 -4.4 10 100
V mA V mA C
(1) Negative supply voltage must be applied at least 1us before positive supply voltage.
Absolute Maximum Ratings (1)
Symbol P_in +V -V +I -I Tstg
(1) (2)
Parameter Maximum input power (2) Positive supply voltage Negative supply voltage Positive supply current Negative supply current Storage temperature range
Values 3 5 -5 80 13 -55 to +155
Unit dBm V V mA mA C
Operation of this device above anyone of these parameters may cause permanent damage. CW mode
Ref. DSCHA10773155 - 04 jun 03
2/6
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
www..com
W-band LNA
Chip Mechanical Data and Pin References
55
CHA1077
2475
9
6
8
405
5
405
7
1
2
3
4
70
645 Origin 0,0 Layout 2530X1250
1245
1845
Unit = m External chip size (layout size + dicing streets) = 2600X1320 +/-35 Chip thickness = 100 +/- 10 HF Pads (5,8) = 68 x 118 DC/IF Pads = 100 x 100
Pin number
4, 6, 7, 9 3 5 8 1 2
Pin name
Description Ground: should not be bonded. If required, please ask for more information. Ground (optional) RF output port RF input port Positive supply voltage Negative supply voltage
OUT IN +V -V
Ref. DSCHA10773155 - 04 jun 03
3/6
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
www..com
CHA1077
Typical Assembly and Bias Configuration
W-band LNA
L_in
9 8
6 5
L_out
-strip line
-strip line
7
1
2
3
4
>= 120pF
+V
-V
DC lines
This drawing shows an example of assembly and bias configuration. All the transistors are internally self biased. An external capacitor is recommended for the positive and negative supply voltages. For the RF pads the equivalent wire bonding inductance (diameter=25m) have to be according to the following recommendation. Port IN OUT Equivalent inductance (nH) L_in = 0.25 L_out = 0.25 Wire length (mm) (1) 0.34 0.34
(1) This value is the total length including the necessary loop from pad to pad. For a micro-strip configuration a hole in the substrate is necessary for chip assembly.
Ref. DSCHA10773155 - 04 jun 03
4/6
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
www..com
W-band LNA
CHA1077
As the connections at 77GHz (between MMIC and MMIC or between MMIC and external substrate) are critical, the transition matching network is split into two parts: one on MMIC and one on the external substrate. This choice allows doing also a direct connection between MMICs. For a connection to an external substrate a network is proposed on soft substrate for IN and OUT ports. The following drawings give the dimensions for a RO3003 substrate (thickness=0.127mm, r=3).
500 um
865 um
300 um 235 um
100 um
Proposed matching network for a 50 transition between IN port and a strip line on RO3003 substrate
500 um 370 um
100 um
300 um 235 um
Proposed matching network for a 50 transition between OUT port and a -strip line on RO3003 substrate
Ref. DSCHA10773155 - 04 jun 03 5/6 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
www..com
CHA1077
W-band LNA
Ordering Information
Chip form : CHA1077-99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from United Monolithic Semiconductors S.A.S.
Ref. DSCHA10773155 - 04 jun 03
6/6
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09


▲Up To Search▲   

 
Price & Availability of CHA1077

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X